Part Number Hot Search : 
1SMB36A 1N6268A AB019B MB100 KA388 31000 5A222G 5Z8V2
Product Description
Full Text Search
 

To Download C67078-S1313-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 72 A
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 72 A
VDS
100 V
ID
9A
RDS(on)
0.25
Package TO-220 AB
Ordering Code C67078-S1313-A3
Maximum Ratings Parameter Continuous drain current Symbol Values 9 Unit A
ID IDpuls
36
TC = 25 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
10 7.9 mJ
ID = 10 A, VDD = 25 V, RGS = 25 L = 885 H, Tj = 25 C
Gate source voltage Power dissipation 59
VGS Ptot
20 40
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 3.1 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 72 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
100 3 0.1 10 10 0.2 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 100 V, VGS = 0 V, Tj = 25 C VDS = 100 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.25
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 6 A
Semiconductor Group
2
07/96
BUZ 72 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
3 4.3 400 120 70 -
S pF 530 180 105 ns 10 15
VDS 2 * ID * RDS(on)max, ID = 6 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
45 70
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
55 75
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
40 55
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 72 A
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.4 170 0.3 9 36 V 1.6 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 20 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 72 A
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
10 A
45 W
Ptot
35 30
ID
8 7 6
25 5 20 4 15 10 5 0 0 3 2 1 0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
t = 52.0s p
K/W
A
DS
I
D
ID
10 1
DS (o n)
100 s
/
R
=
V
ZthJC
10 0
1 ms
10 -1 D = 0.50
10 ms
0.20 0.10 10 -2 0.05 0.02
10
0
DC single pulse
0.01
10 -1 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 72 A
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
20 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.80
Ptot = 40W
l kj i
VGS [V] 4.0
b 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
a
b
c
d
e
f
g
h
RDS (on) 0.60
ID
16 14 12 10
e
ha
c d e
g
0.50
ff
g h i
0.40
8
d
j k
0.30
i j
6
c
l
0.20 0.10 VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
k
4
b
2
a
h i j k 8.0 9.0 10.0 20.0
0 0
2
4
6
8
V
11
0.00 0
2
4
6
8
10
12
14
16
A
20
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
24 A 20
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
6.0 S 5.0
ID
18 16 14 12 10 8 6 4 2 0 0 1 2 3 4 5 6 7 8 V 10
gfs
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 4 8 12 16 A ID 22
VGS
Semiconductor Group
6
07/96
BUZ 72 A
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 6 A, VGS = 10 V
0.80
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V
RDS (on) 0.60 VGS(th)
98%
4.0 3.6 3.2
typ
0.50
2.8 2.4
0.40
2%
98%
0.30
2.0 1.6 1.2 0.8
typ
0.20
0.10 0.00 -60
0.4 0.0 -60 -20 20 60 100 C 160
-20
20
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF
10 1
Ciss
10 -1
Coss Crss
10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 72 A
Avalanche energy EAS = (Tj ) parameter: ID = 10 A, VDD = 25 V RGS = 25 , L = 885 H
60 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 15 A
16
V 50
EAS
45 40
VGS
12
0,2 VDS max
0,8 VDS max
10 35 30 25 6 20 15 10 2 5 0 20 0 40 60 80 100 120 C 160 0 10 20 30 40 50 nC 70 4 8
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
120 V 116
V(BR)DSS 114
112 110 108 106 104 102 100 98 96 94 92 90 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 72 A
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of C67078-S1313-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X